Part Number Hot Search : 
03F5916 MIC10937 TPA100 MK11G2 L7560 KK1489A C4425 482M16
Product Description
Full Text Search
 

To Download TS4B05G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TS4B05G 600 600 420 5.5 30 120 4.0 1.1 TS4B05G 5 40 TS4B05G ?? ? 600v 4.0 a v a pf i r cj ? i f = 4.0a ta= 25 ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. unit symbols maximum forward voltage maximum reverse current type junction capacitance v f -55 --- +150 v v v a a a /w v rrm v rms v dc i f(av) i fsm i r(av) features ??? low reverse leakage ?? high forward surge capability mechanical data ? : ?? case: molded plastic : ???? polarity: symbols molded or marked on body ? : mounting position: any ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave ? maximum peak reverse current full cycle typical thermal resistance o?? symbols unit single-phase silicon bridge rectifier reverse voltage 600 v forward current 4.0 a operating junction and storage temperature range tj, tstg @ta = 75 r ja tc =100 ? v r = 4.0v, f = 1mhz ?120 a s urge overload rating:120 amperes peak +~~- 25.3 24.7 3.4 3.1 1.45 1.05 2.1 1.7 1.1 0.9 7.7 7.3 2.2 1.8 3.7 3.3 13.5 12.5 4.0 15.3 14.7 unit mm 0.8 0.6 2.8 2.5 3.4 3.8 4.8 4.4 9.7 9.3 8.4 3.1 7.7 7.3 7.7 7.3 ta= 125 500 ts4b web: www.ps-pfs.com http://ps-pfs.en.alibaba.com/
characteristic curves i f (a) ? i f(av) (a) i f instantaneous forward current (a) 0 40 80 120 160 0 2.0 4.0 1.0 3.0 +~~- p.c.b. on glass-epoxi substrate soldering land 5mm sine wave r-load free in air ?? i fsm (a) p(w) 10 100 02 5 20 50 0 200 240 0 2 4 6 10 12 5 0 sine wave tj=150 12 6 34 8 14 7 160 120 80 40 0.1 0.4 0.5 0.7 0.8 0.9 1.2 1 10 1.1 0.6 1.0 pulse measurement per diode tl=25 i fsm 10ms 10ms 1 cycle non-repetitive tj=25 before vf instantaneous forward voltage (v) peak forward surge current number of cycles at 60 hz. forward power dissipation ? ? v f (v) ??? ? i 0 (a) average recgified forward current i o (a) ? ta( c ) tamb, ambient temperature (c) ?? forward current derating curve typical forward characteristic maximum non repetitive i fsm peak forward surge current (a) forward power dissipation p f (w)) i f(a) average forward rectified current (a) TS4B05G web: www.ps-pfs.com http://ps-pfs.en.alibaba.com/


▲Up To Search▲   

 
Price & Availability of TS4B05G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X